Part Number Hot Search : 
BAT54H MDS731 101MP KBU10M 16080 TLP1032F 2762I HD74L
Product Description
Full Text Search
 

To Download FMPA2151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
May 2005
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
Features
Dual band operation in a single package design Integrated bias bypass >30 dB modulated gain 2.4 to 2.5 GHz band >30 dB modulated gain 4.9 to 5.9 GHz band 27 dBm output power @ 1 dB compression for both frequency bands 3.5 % EVM at 20 dBm modulated power out (2.4 GHz) 3.5 % EVM at 20 dBm modulated power out (5.5 GHz) 3.3 V positive supply operation Separate integrated power detectors with 20 dB dynamic range 16 pin 4 x 4 x 1.4 mm leadless package Internally matched to 50 ohms and DC blocked RF input/output Optimized for use in 802.11a/b/g applications
General Description
The FMPA2151 is a dual frequency band power amplifier module designed for high performance WLAN applications in the 2.4-2.5 GHz and the 4.90-5.9 GHz frequency bands. The 16 pin 4 x 4 x 1.4 mm package with internal matching on both input and output to 50 Ohms minimizes next level PCB space and allows for simplified integration. Only two external bias bypass capacitors are required. The two on-chip detectors provide power sensing capability. The PA's low power consumption and excellent linearity are achieved using our InGaP Heterojunction Bipolar Transistor (HBT) technology.
Device (4 x 4 x 1.4mm)
Z X 21 Y T T 51
Electrical Characteristics1 802.11g (2.4-2.5 GHz) OFDM Modulation
(with 176 s burst time, 100 s idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth Parameter
Frequency Collector Supply Voltage Mirror Supply Voltage (PA ON 2.4) Mirror Supply Current (PA ON 2.4) Gain Average Packet Current @ +20dBm Pout EVM @ +20dBm Pout2 Detector Output @ +20dBm Pout Detector Output @ +5dBm Pout POUT Spectral Mask Compliance
3
Min
2.4 3.0 2.6
Typ
3.3 3.0 0.1 31 170 3.5 850 230 +20
Max
2.5 3.6 3.6
Units
GHz V V mA dB mA % mV mV dBm
Notes: 1. VCC=3.3V, PA ON 2.4=3.3V, TA=25C, PA is constantly biased, 503/4 system. 2. Percentage includes system noise floor of EVM=0.8%. 3. Measured at PIN at which Spectral Mask Compliance is satisfied. Two-sample windowing length applied.
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FMPA2151 Rev. B
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
Electrical Characteristics1 802.11a OFDM Modulation
(with 176 s burst time, 100 s idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth Parameter
Frequency Collector Supply Voltage Mirror Supply Voltage (PA ON 5.5) Mirror Supply Current (PA ON 5.5) Gain Average Packet Current @ +20dBm Pout EVM @ +18dBm Pout2 (4.9 to 5.35GHz) EVM @ +20dBm Pout
2
Min
4.9 3.0 2.6
Typ
3.3 3.0 0.1 32 295 3.5 3.5 820 195 +20
Max
5.9 3.6 3.6
Units
GHz V V mA dB mA % % mV mV dBm
(5.35 to 5.9GHz)
Detector Output @ +20dBm Pout Detector Output @ +5dBm Pout POUT Spectral Mask Compliance3
Absolute Maximum Ratings4
Symbol
VCC ICC PA ON Pin Tcase Tstg
Parameter
Positive Supply Voltage Supply Current Positive Bias Voltage RF Input Power Case Operating Temperature Storage Temperature
Ratings
6 500 4 0 -40 to +85 -55 to +150
Units
V mA V dBm C C
Notes: 1. VCC=3.3V, PA ON 5.5=3.3V, TA=25C, PA is constantly biased, 503/4 system. 2. Percentage includes system noise floor of EVM=0.8%. 3. Measured at PIN at which Spectral Mask Compliance is satisfied. Two-sample windowing length applied. 4. No permanent damage with one parameter set at extreme limit. Other parameters set to typical values.
2 FMPA2151 Rev. B
www.fairchildsemi.com
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
Performance Data 802.11b/g OFDM Modulation
(with 176 ms burst time, 100 ms idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth
FFPA2151 EVM vs Modulated Output Power 802.11b/g Band
10 9
2.40GHz 2.45GHz
Total Measured EVM (%)
8 7 6 5 4 3 2 1 0 4 5 6
2.50GHz
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Modulated Output Power (dBm)
Note: Uncorrected EVM. Source EVM is approximately 0.8%.
Single Tone
40 30 20
FFPA2151 S-Parameters 802.11b/g Band
S-Parameter (dB)
10 0 -10 -20 -30 -40 -50 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10
S11 (dB) S21 (dB) S22 (dB)
Frequency (GHz)
3 FMPA2151 Rev. B
www.fairchildsemi.com
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
Performance Data 802.11a OFDM Modulation
(with 176 ms burst time, 100 ms idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth
FFPA2151 EVM vs Modulated Output Power 802.11a Band
10 9 8
4.90GHz 5.00GHz 5.10GHz 5.20GHz 5.30GHz 5.40GHz 5.50GHz 5.60GHz 5.70GHz 5.80GHz 5.90GHz
Total Measured EVM (%)
7 6 5 4 3 2 1 0 4 5 6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Modulated Output Power (dBm)
Note: Uncorrected EVM. Source EVM is approximately 0.8%.
Single Tone
40 30 20
FFPA2151 S-Parameters 802.11a Band
S-Parameters (dB)
10 0 -10 -20 -30 -40 -50 -60 0 1 2 3 4 5 6 7 8 9 10
S11 (dB) S21 (dB) S22 (dB)
Frequency (GHz)
4 FMPA2151 Rev. B
www.fairchildsemi.com
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
Schematic
PA ON 2.4 VCC1 2.4 VDET 2.4 1F
Pin
1 2 3
Description
GND RF IN 2.4 RF IN 5.5 GND PA ON 5.5 GND VCC2 5.5 VDET 5.5 GND RF OUT 5.5 RF OUT 2.4 GND VDET 2.4 VCC1 2.4 GND PA ON 2.4 CENTER GND
16 1
15
14
13 12
4 5
50 50 RF OUT 2.4 11 10 9
Z XYTT 2151
RF IN 2.4 RF IN 5.5
50 50
2 3 4 5
6
RF OUT 5.5
7 8
6
7
8
9
1F VDET 5.5 PA ON 5.5 VCC2 5.5
10 11 12 13 14 15 16 17
Package Outline
TOP VIEW 12 11 10 9
13 14 15 16
Z
XYTT 2151
1 2 3 4
8 7 6 5
Z X 21 Y T T 51
I/O 1 INDICATOR
1.40 Max. FRONT VIEW SEE DETAIL A 1 2 0.650 4.000.10 2.70 0.30
1.02 TYP. 0.30 TYP.
0.65 TYP.
0.10 TYP. 0.30 TYP.
0.650
2.70 4.000.10 BOTTOM VIEW DETAIL A TYP.
5 FMPA2151 Rev. B
www.fairchildsemi.com
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM Across the board. Around the world.TM OPTOLOGIC OPTOPLANARTM The Power Franchise PACMANTM Programmable Active DroopTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I15


▲Up To Search▲   

 
Price & Availability of FMPA2151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X